Part Number Hot Search : 
25MHZ MC10H302 MB110 2S09655 KTC812 2N5679 RMK816N 29LV160
Product Description
Full Text Search
 

To Download TK61041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK610xx
ADVANCED INFORMATION FEATURES
s s s s s Very Low Quiescent Current ( 1 A) No External Components Built In Hysteresis (5% typ.) 2 % Voltage Detection Accuracy Miniature Package (SOT23-5)
VOLTAGE DETECTOR APPLICATIONS
s s s s s Battery Powered Systems Wireless Telephones Pagers Personal Communications Equipment Personal Digital Assistants
DESCRIPTION
The TK610xx family of voltage detectors is designed to provide accurate monitoring of the battery voltage. These low powered CMOS devices require no external components and are available in 0.1 V steps from 2.0 V to 5.0 V. When the input voltage reaches the detection voltage, the output goes low. This detection voltage has a 2 % accuracy and is set at the factory. When the input voltage goes high, the output will stay low until the voltage reaches the detection voltage plus hysteresis (+3 to +7 %). The TK610xx is available in a miniature SOT23-5 surface mount package.
01 S
TK610xx
OUT VDD GND
NC
NC
BLOCK DIAGRAM
VDD
ORDERING INFORMATION
TK610
Voltage Code
S
OUT
Tape/Reel Code
Vref
VOLTAGE CODE *
23 = 2.3 V 25 = 2.5 V 27 = 2.7 V 30 = 3.0 V 33 = 3.3 V 36 = 3.6 V 40 = 4.0 V 41 = 4.1 V 42 = 4.2 V 45 = 4.5 V
TAPE/REEL CODE
TL: Tape Left
GND
* Consult factory for availability of other voltages
October 1999 TOKO, Inc.
Page 1
TK610xx
ABSOLUTE MAXIMUM RATINGS
All Pins Except GND ................................................ 11 V Power Dissipation (Note 4) ................................ 400 mW Storage Temperature Range ................... -40 to +125 C Operating Temperature Range ...................-30 to +80 C Junction Temperature ........................................... 150 C
TK610xx ELECTRICAL CHARACTERISTICS
TA = 25 C, unless otherwise specified.
SYMBOL VERR HYS VDDH VDDL VDET VDET * T tDR ISSL ISSM ISSH ION1 ION2 IOP1 IOP1
Note 1: Note 2: Note 3: Note 4:
PARAMETER Voltage Accuracy Hysteresis Maximum Operating Voltage Lowest Operating Voltage Detection Voltage Temperature Coefficient Rise Propagation Delay Time Supply Current (L) Supply Current (M) Supply Current (H) Output Current (N1) (Note 5) Output Current (N2) (Note 5) Output Current (P1) (Note 6) Output Current (P1) (Note 6)
TEST CONDITIONS Note 1 Note 2
MIN -2 3 9
TYP
MAX +2
UNITS % % V
5
7
0.8 -30 C top 80 C Note 3 VDD = 1.0 V VDD = 5.0 V, 2.0 V Setting Voltage 5.0 V VDD = 7.0 V, 4.2 V Setting Voltage 5.0 V VDS = 0.05 V, VDD = 0.8 V VDS = 0.5 V, VDD = 1.5 V VDS = 2.1 V, VDD = 4.5 V, 2.0 V Setting Voltage 4.1 V VDS = 2.1 V, VDD = 7.0 V, 4.2 V Setting Voltage 5.0 V 0.01 2.0 2.0 6.0 1.0 1.5 0.05 4.0 4.0 8.0 100 100 1.0 2.0 3.0
V ppm/ C sec A A A mA mA mA mA
VERR = 100 * (VDET - Setting Voltage) / Setting Voltage expressed in % HYS = 100 * (VHYS - VDET) / VDET expressed in % The applied voltage is a pulse of VLOW = 0.8 V, VHIGH = VDET + 2 V Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/C for operation above 25 C. Power dissipation is 200 mW in Free Air. Derate at 1.6 mW/C for operation above 25 C. Note 5: Output sink current. Note 6: Output source current.
Page 2
October 1999 TOKO, Inc.
TK610xx
TEST CIRCUIT
OUT
VDD
GND
OUT
VDD
GND
VDD
VDD
FIGURE 1: TEST CIRCUIT FOR VDET, VHYS, VDDH, VDDL, tDR
FIGURE 3: TEST CIRCUIT FOR ISS
OUT O
VV DD
GND G
OUT O
VV DD
GND G
VDS
VDS VDD
VDD
FIGURE 2: TEST CIRCUIT FOR IOP
FIGURE 4: TEST CIRCUIT FOR ION
October 1999 TOKO, Inc.
Page 3
TK610xx
TYPICAL PERFORMANCE CHARACTERISTICS
VS.
SUPPLY CURRENT OPERATING VOLTAGE 8.0
V DET = 4.2 V
OUTPUT VOLTAGE VS. MAXIMUM OPERATING VOLTAGE 7.0 6.0
VOUT (V)
VDET = 4.2 V
2.0
1.5
IDD (A)
5.0 4.0 3.0 2.0 1.0
1.0
0.5
0.0 0.0
1.0
2.0 3.0 4.0 VDD (V)
5.0 6.0
7.0
0.0 0.0
1.0
2.0 3.0 4.0 VDD (V)
5.0 6.0
7.0
OUTPUT SINK CURRRENT VS. OUTPUT VOLTAGE 20.0
V DD = 2.5 V
OUTPUT SOURCE CURRRENT VS. OPERATING VOLTAGE 12.0 10.0
V V DS DS DS = 2.5 V = 2.0 V = 1.5 V
15.0
IOUT N (mA)
V DD = 2.0 V
IOUT P (mA)
8.0 6.0 4.0
V
10.0
V = 1.5 V
V
DS
= 1.0 V
5.0
V
DD
V
2.0
DS
= 0.5 V
0.0 0.0
DD
= 1.0V
1.0 VDS (V)
2.0
3.0
0.0 4.0
6.0 VDD (V)
8.0
10.0
4.4 4.35 VDET VHYS (V) 4.3 4.25 4.2
DETECTION VOLTAGE AND HYSTERESIS VS. TEMPERATURE
1
PROPAGATION DELAY TIME VS. OUTPUT CAPACITANCE
V
HYS
td (ms)
tdf
0.1
tdr V DET
4.15 -50
0 VDD (V)
50
100
0.01 0.0001
0.001
0.01
0.1
COUT (F)
Page 4
October 1999 TOKO, Inc.
TK610xx
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
DETECTION VOLTAGE (VDET) When VDD goes below the detection voltage, the output goes low. HYSTERESIS VOLTAGE (VHYS) When VDD goes above the sum of the detection voltage and the hysteresis voltage, the output goes high. SUPPLY CURRENT (ISSL) Supply current (VDD = 1 V) SUPPLY CURRENT (ISSM) Supply current (VDD = 5 V) 2.0 V setting voltage 4.1 V SUPPLY CURRENT (ISSH) Supply current (VDD = 7 V) 4.2 setting voltage 5.0 V OUTPUT CURRENT (ION1) Output sink current of output N channel FET VDD = 0.8 V, VDS = 0.5 V OUTPUT CURRENT (ION2) Output sink current of output N channel FET VDD = 1.5 V, VDS = 0.5 V OUTPUT CURRENT (IOP1) Output source current of output P channel FET VDD = 4.5 V, VDS = 2.1 V, 2.0 V setting voltage 4.1 V VOLTAGE ACCURACY (VERR) Error ratio of set voltage VERR = 100 * (VDET - Setting Voltage)/ Setting Voltage expressed in % HYSTERESIS (HYS) Ratio of hysteresis voltage to detection voltage HYS = 100 * (VHYS - VDET) / VDET expressed in % MAXIMUM OPERATING VOLTAGE (VDDH) The maximum operating voltage. LOWEST OPERATING VOLTAGE (VDDL) Voltage when VDD is reduced and output goes up from 0 V to 100 mV. DETECTION VOLTAGE TEMPERATURE COEFFICIENT ( VDET / VDET * T) Temperature coefficient of detection voltage. VDET VDET * T = 1000000 * (VDET(T) - VDET(25 C)) VDET (25 C) * (T - 25 C)
RISE PROPAGATION DELAY TIME (tDR) The delay time for the output to reach (VDET + 2.0 V) / 2 when VDD goes from VLOW = 0.8 V to VHIGH = VDET + 2.0 V
October 1999 TOKO, Inc.
Page 5
TK610xx
OUTPUT CHARACTERISTICS
VDD VHYS VDET VDDL VSS OUT Undefined area HYS
GND
OUTPUT vs. SUPPLY VOLTAGE
VDET + 2 V VDET
VDD OUT tDF tDR
(VDET + 2 V) / 2 0.8 V GND
OUTPUT PROPAGATION DELAY
Page 6
October 1999 TOKO, Inc.
TK610xx
APPLICATION INFORMATION
CHANGING DETECTION VOLTAGE USING EXTERNAL RESISTORS It is not recommended to set the detection voltage using external resistors (See figure below) as oscillations may occur.
VIN
Note: For the TK610xx , there is an internal diode between GND and Output and another diode between Output and VDD. Current will flow between these terminals if the diodes are forward biased. See the figure below for diode polarity.
VDD
VDD VOUT GND
OUT TK610XXS
GND
OUTPUT H CHARACTERISTICS FOR VDD < VDD1 The output voltage is not defined when VDD < VDDL.
VDD V VHYS VDDL t
V
OUT Undefined area
t
October 1999 TOKO, Inc.
Page 7
TK610xx
PACKAGE OUTLINE
Marking Information
Marking 23U 25U 27U 30U 33U 36U 40U 41U 42U 45U
SOT23-5
0.7
Marking 1.0 5 4
TK61023 TK61025 TK61027 TK61030 TK61033 TK61036 TK61040 TK61041 TK61042 TK61045
1.6
e 0.95 1 2 3 0.4
+0.15 - 0.05
e 0.95
e
0.95
Recommended Mount Pad e 0.95
0.1
M
2.9
1.3 max
+0.1
(0.8)
1.1
e1 2.4
0 - 0.1
+0.15 - 0.05
0.15
0.1
2.8
0.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 8
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-TKxxxxx 0798O0.0K
0 ~ 15
October 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK61041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X